PART |
Description |
Maker |
IRFBF20L IRFBF20S IRFBF20STRL IRFBF20STRR |
Power MOSFET(Vdss=900V, Rds(on)=8.0ohm, Id=1.7A) 功率MOSFET(减振钢板基本\u003d 900V,的Rds(on)\u003d 8.0ohm,身份证\u003d 1.7A 900V Single N-Channel HEXFET Power MOSFET in a TO-262 package 900V Single N-Channel HEXFET Power MOSFET in a D2-Pak package
|
International Rectifier, Corp. IRF[International Rectifier]
|
IRFBF20 |
900V Single N-Channel HEXFET Power MOSFET in a TO-220AB package Power MOSFET(Vdss=900V, Rds(on)=8.0ohm, Id=1.7A)
|
IRF[International Rectifier]
|
STB6NK90Z STB6NK90ZT4 STP6NK90ZFP STP6NK90Z STW7NK |
N-channel 900V - 1.56Ω - 5.8A - TO-220/TO-220FP/D2PAK/TO-247 Zener-protected SuperMESH?Power MOSFET N-CHANNEL 900V - 1.56ohm - 5.8A TO-220/TO-220FP/D2PAK Zener-Protected SuperMESH⑩Power MOSFET N沟道900V - 1.56ohm - 5.8A TO-220/TO-220FP/D2PAK齐保护的SuperMESH⑩功率MOSFET N-CHANNEL 900V 1.56 OHM 5.8A TO-220/TO-220FP D2PAK ZENER-PROTECTED SUPERMESH POWER MOSFET N-CHANNEL 900V - 1.56ohm - 5.8A TO-220/TO-220FP/D2PAK Zener-Protected SuperMESHPower MOSFET N-channel 900V - 1.56Ω - 5.8A - TO-220/TO-220FP/D2PAK/TO-247 Zener-protected SuperMESH Power MOSFET N-channel 900V - 1.56Ω - 5.8A - TO-220/TO-220FP/D2PAK/TO-247 Zener-protected SuperMESH?/a> Power MOSFET N-channel 900V - 1.56ヘ - 5.8A - TO-220/TO-220FP/D2PAK/TO-247 Zener-protected SuperMESH⑩ Power MOSFET
|
STMicroelectronics N.V. STMICROELECTRONICS[STMicroelectronics]
|
STP6NK90Z07 STW7NK90Z STP6NK90Z STP6NK90ZFP |
5.8 A, 900 V, 2 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB N-channel 900V - 1.56Ω - 5.8A - TO-220/TO-220FP/D2PAK/TO-247 Zener-protected SuperMESH?/a> Power MOSFET N-channel 900V - 1.56楼? - 5.8A - TO-220/TO-220FP/D2PAK/TO-247 Zener-protected SuperMESH垄芒 Power MOSFET N-channel 900V - 1.56Ω - 5.8A - TO-220/TO-220FP/D2PAK/TO-247 Zener-protected SuperMESH Power MOSFET N-channel 900V - 1.56Ω - 5.8A - TO-220/TO-220FP/D2PAK/TO-247 Zener-protected SuperMESH?/a> Power MOSFET
|
STMicroelectronics
|
STD3NK90Z STD3NK90ZFP 9193 STP3NK90ZFP STD3NK90Z-1 |
N-CHANNEL 900V - 4.1ohm - 3A TO-220/TO-220FP/DPAK/IPAK Zener-Protected SuperMESH⑩Power MOSFET N沟道900V - 4.1ohm -A TO-220/TO-220FP/DPAK/IPAK齐保护的SuperMESH⑩功率MOSFET N-CHANNEL 900V - 4.1ohm - 3A TO-220/TO-220FP/DPAK/IPAK Zener-Protected SuperMESH?Power MOSFET N-CHANNEL Power MOSFET From old datasheet system N-CHANNEL 900V 4.1 OHM 3A TO-220/TO-220FP/DPAK/IPAK ZENER-PROTECTED SUPERMESH POWER MOSFET N-CHANNEL 900V 4.1 OHM 3A TO-220/TO-220FP/DPAK/IPAK ZENER-PROTECTED SUPERMESH POWER MOSFET
|
STMicroelectronics N.V. ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
FQP8N90C FQPF8N90C |
900V N-Channel Advance Q-FET C-Series 900V N-Channel MOSFET
|
FAIRCHILD[Fairchild Semiconductor]
|
FQPF9N90C FQP9N90C |
900V N-Channel Advance Q-FET C-Series 900V N-CHANNEL MOSFET
|
FAIRCHILD[Fairchild Semiconductor]
|
STB3NC90 STB3NC90Z |
N-CHANNEL 900V - 3.2W - 3.5A D2PAK Zener-Protected PowerMESH?III MOSFET N-CHANNEL 900V - 3.2W - 3.5A D2PAK Zener-Protected PowerMESHIII MOSFET N-CHANNEL 900V - 3.2W - 3.5A D2PAK Zener-Protected PowerMESH⑩III MOSFET
|
STMICROELECTRONICS[STMicroelectronics]
|
STW6NC90Z 7247 STW6NC90 |
N-CHANNEL 900V 2.1OHM 5.2A TO-247 ZENER-PROTECTED POWERMESH III MOSFET N-CHANNEL 900V - 2.1ohm - 5.2A TO-247 Zener-Protected PowerMESH?III MOSFET N-CHANNEL 900V 2.1OHM 5.2A TO-247 ZENER-PROTECTED POWERMESH III MOSFET From old datasheet system N-CHANNEL MOSFET N-CHANNEL 900V - 2.1ohm - 5.2A TO-247 Zener-Protected PowerMESH⑩III MOSFET N沟道900V - 2.1ohm - 5.2A47齐纳保护PowerMESH⑩三MOSFET
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
STY30NK90Z |
N-CHANNEL 900V - 0.25 OHM - 26A MAX247 ZENER-PROTECTED SUPERMESH POWER MOSFET N-CHANNEL 900V - 0.21ohm - 26A Max247 Zener-Protected SuperMESH MOSFET
|
ST Microelectronics
|
FQA5N90 |
900V N-Channel MOSFET 5.8 A, 900 V, 2.3 ohm, N-CHANNEL, Si, POWER, MOSFET
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
FQI6N90 FQB6N90 FQB6N90TMAM002 |
900V N-Channel QFET 900V N-Channel MOSFET
|
FAIRCHILD[Fairchild Semiconductor]
|